PART |
Description |
Maker |
SIHFR420-E3 IRFR120TRL IRFR420TR IRFR420PBF |
Dynamic dV/dt Rating
|
Kersemi Electronic Co., Ltd... Kersemi Electronic Co.,...
|
IRFR110TR IRFR110TRL IRFR110TRPBF IRFR110PBF IRFR1 |
Dynamic dV/dt Rating Repetitive Avalanche Rated
|
Kersemi Electronic Co., Ltd.
|
IRF640 |
Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
|
Kersemi Electronic Co., Ltd.
|
IRFR9110 SIHFR9110T-E3 SIHFR9110-E3 IRFR9110PBF IR |
Dynamic dV/dt Rating Dynamic dV/dt Rating
|
Kersemi Electronic Co., Ltd. Kersemi Electronic Co.,...
|
VG26S17400EJ-5 VG26S17400EJ-6 VG26V17400EJ-5 VG26V |
4,194,304 x 4 - Bit CMOS Dynamic RAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 SOCKET, 56 WAYSOCKET, 56 WAY; Ways, No. of:56; Colour:Grey; Current rating:8.5A; Dielectric strength, VAC:1800V; Resistance, insulation:5000MR; Voltage, working:125V PLUG, 56 WAYPLUG, 56 WAY; Ways, No. of:56; Colour:Grey; Contacts, No. of:56; Current rating:8.5A; Dielectric strength, VAC:1800V; Poles, No. of:56; Resistance, insulation:5000MR; Voltage, working:125V 4/194/304 x 4 - Bit CMOS Dynamic RAM
|
Vanguard International ... Vanguard International Semiconductor, Corp. Vanguard International Semiconductor Corporation
|
5500.2031 5500.2032 5500.2033 5500.2072 5500.2074 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 16A; Leakage Current Rating: 0.5 mA 250 V, 60 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
BC868 BC868-25 BC868/T1 |
NPN medium power transistor Leaded Cartridge Fuse; Current Rating:100mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes
|
NXP Semiconductors Philips Semiconductors
|
6202.2100 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 10A; Terminal Type: Solder Tabs; Protection class II; blackThermoplastic housing
|
SCHURTER INC
|
AUIRFR2407 |
Dynamic dV/dT Rating
|
Infineon Technologies A...
|
ZXMN6A11G ZXMN6A11GFTA ZXMN6A11GFTC |
N-channel MOSFET 60V N-CHANNEL ENHANCEMENT MODE MOSFET ; Current Rating:6A; Voltage Rating:250V; Mounting Type:Screw; Features:High Attenuation; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Line Filter; Current Rating:10A; Voltage Rating:250V; Mounting Type:Screw; Features:High Attenuation; Series:MXB
|
ZETEX[Zetex Semiconductors]
|
1-1318117-3 |
Dynamic Series Connectors; DYNAMIC D-2100 TAB HSG 3P F/H ( AMP )
|
Tyco Electronics
|